Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

OHM Fiches techniques, Datasheet

Description trouvée : 'ohm' - Totale: 6 (1/1) Page
FabricantNo de pièceVoirDescription

Panasonic Semiconductor
AN12941A The AN12941A is an amplifier IC for stereo speakers which can output 1 W by 8 Ohm or 2 W by 4 Ohm
AN5274 4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5276 5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
AN5273 4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5272 4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5278 4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control