Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



VCC Fiches techniques, Datasheet

Description trouvée : 'VCC' - Totale: 106 (1/6) Pages
FabricantNo de pièceVoirDescription

ACE Technology Co., LTD...
ACE74HC04 Input stolerate voltage up to 6V independent of VCC operating voltage.

Cypress Semiconductor
S34MS16G2 16 Gb, 4-Bit ECC, ×8 I/O, and 1.8 V VCC NAND Flash for Embedded

Fairchild Semiconductor
NC7SZ74K8X Ultra-High Speed: tPD 2.6ns (Typical) into 50pF at 5V VCC

Linear Technology
LTC1314 PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers

Macronix International
MX25R512F Wide Vcc Range, 512K-BIT

Samsung semiconductor
KM62V256C 32Kx8 bit Low Power AND Low Vcc CMOS Static RAM

Mallory performance clu...
PMO-4015SN-42UQ Sensitivity Range -42 ± 3 dB RL = 2.2 k Vcc = 2.0v (1 kHz 0 dB = 1 v/Pa)

ATMEL Corporation
AT88CK109STK3 AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)

Broadcom Corporation.
HCPL-520X Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers

AVAGO TECHNOLOGIES LIMI...
HCPL-2231-300E Very High CMR, Wide VCC Logic Gate Optocouplers

Macronix International
MX25R8035F Wide Vcc Range 8M-BIT [x 1/x 2/x 4] CMOS MXSMIO

Mallory performance clu...
PMO-4015PN-42KDQ Sensitivity Range -42 ± 2 dB RL = 2.2 k Vcc = 3.0v (1 kHz 0 dB = 1 v/Pa)

Maxim Integrated Produc...
DS2411 Silicon Serial Number with Vcc Input

Broadcom Corporation.
ACPL-570XL Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers

AVAGO TECHNOLOGIES LIMI...
HCPL-5731 Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

Agilent(Hewlett-Packard...
HCPL-520X Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers

Macronix International
MX25R6435F Wide Vcc Range 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO

Integrated Circuit Solu...
IC62LV2568L 256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM

Mallory performance clu...
PMO-4015MN-42HXQ Sensitivity Range -42 ± 2 dB RL = 2.2 k Vcc = 2.0v (1 kHz 0 dB = 1 v/Pa)

Renesas Technology Corp
X9313 Digitally Controlled Potentiometer (XDCP™) Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC

1 2 3 4 5 6 Next