Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

VAC Fiches techniques, Datasheet

Description trouvée : 'VAC' - Totale: 458 (1/23) Page
FabricantNo de pièceVoirDescription

Kemet Corporation
C981U103MYVDAA7317 Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
PME271YA4250MR30 Capacitor, film, 2500 pF, +/-20% Tol, -40/+115C, Safety: Y2, 300 VAC, Lead Spacing=10.2 mm
R46KN368000P0K Capacitor, Film, Metallized Polypropylene, 0.68 F, +/-10% Tol, -40/+110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KI347000P0M R46 (Miniature) Series, Class X2, 275 VAC
F861DY335M310ZLH0J F861, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 22.5mm
FLLD3007AMHT3 EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 7 A, 160x40x70mm
C274AC35350AA0J C27, Film, Film/Foil Polypropylene, Motor Run, 35 uF, 5%, 470 VAC
VC2220K801R050 KEMET, VC, Varistors, Low Voltage, 65 V, 50 VAC, 82 V, 135 V, 10 A, 800 A, 5.8 J, 20 mW
PHE844RR7100MR06L2 Capacitor, film, 1 uF, +/-20% Tol, -40/+105C, Safety: X1, 480 VAC, Lead Spacing=37.5 mm
R463F247050N0K Capacitor, film, 0.047 uF, +/-10% Tol, -40/+110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
C961U222MWWDAA7317 Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
F881FY105M300ZLH0J F881, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 27.5mm
LDECB2390JA0N00 LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.039 uF, 5%, 50 V, 40 VAC, 125C, 1210, 2.1mm
C44PRGR5680RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 68 uF, 10%, 640 VAC, 1400 VDC
P277QE103M300A PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
F861KM473M310A F861, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 7.5mm
FLLD4080ATHT6 EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 80 A, 230x135x125mm
GL-2030FV KEMET, GL-FV, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 3 A
C44PXGR5470RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 47 uF, 10%, 1000 VAC, 2300 VDC
R474R34705001K Capacitor, film, Metallized Polypropylene, 0.47 uF, +/-10% Tol, -40/+110C, Safety: X2, 440 VAC, Lead Spacing=27.5 mm

  1 2 3 4 5 6 7 8 9 10