Fabricant | No de pièce | Fiches technique | Description |
Siemens Semiconductor G...
|
BAT14-03W |
36Kb/4P |
Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance) |
3RH2131-2BB40 |
198Kb/6P |
Contactor relay, 3 NO + 1 NC, 24 V DC, Size S00, Spring-type terminal 12/13/2022 |
BAT15-098 |
88Kb/4P |
Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type) |
BAT15-03W |
65Kb/4P |
Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type) |
BAT14-098 |
88Kb/4P |
Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type) |
BAT14-099 |
79Kb/4P |
Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type) |
BAT15-04 |
67Kb/3P |
Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type) |
BAT15-099 |
143Kb/4P |
Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type) |
6ES7131-6BF01-0AA0 |
191Kb/3P |
SIMATIC ET 200SP, Digital input module, DI 8x 24V DC Basic, type 2 (IEC 61131), sink input, (PNP, P-reading), Packing unit: 1 piece, fits to BU-type A0, Colour Code CC01, input delay time 0,05..20ms, module diagnostics for: supply voltage 6/20/2023 |
3SB3000-2EA11 |
101Kb/3P |
22MM PLASTIC ROUND ACTUATOR: SELECTOR SWITCH 3 SWITCH POSITIONS I-O-II MOMENTARY CONTACT TYPE NON-ILLUMINATED WITH HOLDER BLACK |
6ES7134-6FF00-0AA1 |
193Kb/3P |
SIMATIC ET 200SP, Analog input module, AI 8XU Basic, suitable for BU type A0, A1, Color code CC02, Module diagnostics, 16 bit 7/8/2022 |
6ES7135-6HD00-0BA1 |
204Kb/3P |
SIMATIC ET 200SP, Analog output module, AQ 4XU/I Standard, suitable for BU type A0, A1, Color code CC00, Module diagnostics, 16 bit, +/-0.3% 7/8/2022 |
6ES7193-6BP00-0DA0 |
138Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A0+2D, BU type A0, push-in terminals, without aux. terminals, new load group, WxH: 15x 117 mm 7/8/2022 |
6ES7193-6BP00-0BA0 |
139Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A0+2B, BU type A0, Push-in terminals, without AUX terminals, bridged to the left, WxH: 15x 117 mm 7/8/2022 |
6ES7193-6BP20-0DA0 |
212Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A10+2D, BU type A0, Push-in terminals, with 10 AUX terminals, New load group, WxH: 15 mmx141 mm 7/8/2022 |
6ES7193-6BP20-0BB0 |
203Kb/2P |
SIMATIC ET 200SP, BaseUnit BU20-P12+A4+0B, BU type B0, Push-in terminals, with 4 AUX terminals, bridged to the left, WxH: 20 mmx117 mm 7/9/2022 |
6ES7193-6BP20-0BA0 |
186Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A10+2B, BU type A0, Push-in terminals, with 10 AUX terminals, bridged to the left, WxH: 15 mmx141 mm 7/8/2022 |
6ES7134-6JF00-0CA1 |
199Kb/4P |
SIMATIC ET 200SP, Analog input module, AI 8xRTD/TC 2-wire High Feature suitable for BU type A0, A1, Color code CC00, channel diagnostics, 16 bit, +/-0.1% 7/8/2022 |
3RT2015-2AK61 |
407Kb/8P |
Power contactor, AC-3 7 A, 3 kW / 400 V 1 NO, 110 V AC, 50 Hz 120 V, 60 Hz, 3-pole, Size S00, Spring-type terminal 7/4/2022 |
6ES7193-6BP00-0DA1 |
185Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A0+2D/T, BU type A1, Push-in terminals, without AUX terminals, New load group, WxH: 15x 117 mm, with temperature acquisition 7/8/2022 |