Fabricant | No de pièce | Fiches technique | Description |
Littelfuse
|
T2200 |
217Kb/2P |
The T2200 detects the highest |
PGR-6100 |
2Mb/1P |
The PGR-6100 combines the features |
PGM-8600 |
1Mb/1P |
The PGM-8600 relay monitors the insulation resistance |
PGR-3100 |
2Mb/1P |
The PGR-3100 indicates the presence of voltage |
SE-100T |
269Kb/1P |
The tester injects current through the window of installed |
CR |
98Kb/3P |
The CR range of protectors are based on the proven technology of the T10 thyristor product |
08096600 |
175Kb/1P |
The dual pole versions where the negative and positive pole can be disconnected at the same time |
05930000 |
183Kb/1P |
Commands a remote control battery main switch/battery isolator which connects the cable of the starter unit to the battery only for the time necessary to start up the vehicle |
KSD1120 |
503Kb/2P |
The KSD1 Series features two-terminal, series-connection with the load |
08097367 |
459Kb/2P |
This is the single-pole bi-stable version of the ADR electronic battery disconnect switches |
08097160 |
891Kb/2P |
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the models described in the preceding section |
EL731 |
375Kb/2P |
The EL731 is a microprocessor-based |
TMOV34S |
803Kb/7P |
The Littelfuse TMOV짰34S thermally protected varistor |
08097360 |
798Kb/2P |
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches |
MLA |
897Kb/9P |
The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse |
PGR-6200 |
1Mb/2P |
The PGR-6200 Motor Protection Relay |
08080570 |
578Kb/2P |
Manually operated battery switches for use on 12V and 24V electrical systems, for the purpose of disconnecting the battery from the vehicle electrical system even under load and to stop power from the alternator |
HLMU |
395Kb/2P |
The HLMU Series is a universal voltage, encapsulated, 3-phase voltage monitor. It continuously measures the voltage of each of the three phases with microcontroller accuracy and compares the value to preset trip points |
0154001DRT |
190Kb/3P |
The NANO2 Slo-Blo짰 fuse has enhanced inrush withstand characteristics over the NANO2 Fast-Acting fuse. |
TMOV |
1,021Kb/8P |
The Littelfuse TMOV짰 and iTMOV짰 thermally protected |