Fabricant | No de pièce | Fiches technique | Description |
Siemens Semiconductor G...
|
TDA4362 |
92Kb/2P |
The Weatherband IC |
BPW21 |
138Kb/4P |
Silicon Photodiode for the visible spectral range |
6ED10571AA000BA0 |
46Kb/1P |
F. THE TRANSMISSION OF PROGRAMS FROM PC AND VICE VERSA |
PMB2331 |
556Kb/21P |
The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer |
BAT68W |
84Kb/4P |
Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching) |
BAT68-03W |
92Kb/5P |
Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching) |
BTS730 |
49Kb/7P |
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.) |
BTS630 |
133Kb/8P |
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.) |
BAT17-07 |
99Kb/4P |
Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching) |
BAT17- |
93Kb/4P |
Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching) |
SC132E6 |
101Kb/3P |
SIEMENS ANNOUNCES A SUB-MICTON GENERATION OF CHANNELLESS GATE-ARRAYS BASED ON THE PROVEN MEGALOGIC PROCESS |
BAT17W |
39Kb/3P |
Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications) |
BAT68-07W |
43Kb/5P |
Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications) |
BFQ74 |
398Kb/14P |
NPN Silicon RF Transistor (For low-noise amplifiers in the GHz range, and broadband analog and digital applications) |
6ES7193-6BP00-0BA0 |
139Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A0+2B, BU type A0, Push-in terminals, without AUX terminals, bridged to the left, WxH: 15x 117 mm 7/8/2022 |
6ES7193-6BP20-0BA0 |
186Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A10+2B, BU type A0, Push-in terminals, with 10 AUX terminals, bridged to the left, WxH: 15 mmx141 mm 7/8/2022 |
6ES7193-6BP20-0BB0 |
203Kb/2P |
SIMATIC ET 200SP, BaseUnit BU20-P12+A4+0B, BU type B0, Push-in terminals, with 4 AUX terminals, bridged to the left, WxH: 20 mmx117 mm 7/9/2022 |
6ES7193-6BP00-0BA1 |
187Kb/2P |
SIMATIC ET 200SP, BaseUnit BU15-P16+A0+2B/T, BU type A1, Push-in terminals, without AUX terminals, bridged to the left, WxH: 15x 117 mm, with temperature acquisition 7/8/2022 |
6ES7193-6BP20-0BB1 |
203Kb/2P |
SIMATIC ET 200SP, BaseUnit BU20-P12+A0+4B, BU type B1, Packing unit: 1 unit, push-in terminals, without auxiliary terminals, bridged to the left, WxH: 20 mm x 117 mm 7/8/2022 |
3LD2003-1TP53 |
307Kb/6P |
SENTRON, Switch disconnector 3LD, emergency switching-off switch, 3- pole, Iu: 16 A, operating power / at AC-23 A 400 V: 7.5 kW, front-mounted, 1 NC, 1 NO, rotary operating mechanism, Red / yellow, 4-hole mounting of the handle 12/13/2022 |