Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  



SPEEDCON, Fiches technique, PDF

Mot-clé recherché : 'SPEEDCON,' - Totale: 8 (1/1) Pages
FabricantNo de pièceFiches techniqueDescription
Company Logo Img
PHOENIX CONTACT
1425246 Datasheet pdf image
118Kb/6P
Network cable, Ethernet CAT5 (100 Mbps), 4-position, PUR, water blue RAL 5021, shielded, Plug straight M12 SPEEDCON / IP67, coding: D, on Plug straight M12 SPEEDCON / IP67, coding: D, cable length: 3 m
1404430 Datasheet pdf image
99Kb/4P
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket
1404469 Datasheet pdf image
102Kb/4P
AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
1404485 Datasheet pdf image
102Kb/4P
AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
1404443 Datasheet pdf image
99Kb/4P
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket
1407573 Datasheet pdf image
104Kb/4P
AS-Interface distributor with a high degree of protection, for a branch from one flat-ribbon conductor to a 1.0 m PUR round cable with straight M12-SPEEDCON socket
1407865 Datasheet pdf image
96Kb/2P
Bus system cable, CANopen짰, 5-position, PUR halogen-free, gray RAL 7001, shielded, free cable end, on Socket straight M12 SPEEDCON, A-coded, cable length: 1.2 m, Connector unshielded, with plastic knurl
1437698 Datasheet pdf image
124Kb/6P
Bus system flush-type socket, Ethernet, 4-pos., M12, shielded, D-coded, SPEEDCON, rear/screw mounting with Pg9 thread, can be positioned, with 1.0 m bus cable, 2 x 2 x 0.2 mm짼