Fabricant | No de pièce | Fiches technique | Description |
Hamamatsu Corporation
|
R13408 |
237Kb/4P |
Fast time response, Suitable for mass production |
S9219 |
111Kb/2P |
Si photodiode Spectral response like human eye |
R13449 |
237Kb/4P |
Fast time response, Suitable for mass production |
R9420 |
40Kb/2P |
PHOTOMULTIPLIER TUBE For Scintillation Counting, Fast Time Response |
G10899 |
450Kb/4P |
Wide spectral response range (0.5 to 1.7 關m) |
S9066-111 |
132Kb/2P |
Photo IC diode Spectral response close to human eye sensitivity |
G8931-04 |
86Kb/2P |
Time response characteristics compatible with SONET and G/GE-PON |
K1713-05 |
102Kb/4P |
Two-color detector Wide spectral response range from UV to IR |
S9055 |
117Kb/2P |
Si PIN photodiode Flat response characteristics up to high frequency bands |
K3413-05 |
108Kb/4P |
Two-color detector Wide spectral response range from UV to IR |
R821 |
26Kb/2P |
For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode |
P9697 |
86Kb/2P |
MCT photovoltaic detector Photovoltaic detector with high-speed response and low noise |
S9703 |
102Kb/2P |
Photo IC for laser beam synchronous detection High sensitivity, high-speed response |
R12844 |
257Kb/4P |
For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type |
G8605 |
154Kb/5P |
Thermoelectrically cooled NIR (near infrared) detector with low noise and high-speed response |
P9696 |
100Kb/5P |
Infrared detectors with fast response and high sensitivity in 5 m wavelength band |
R1463 |
49Kb/2P |
13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type |
H8711-03 |
220Kb/4P |
4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode |
R375 |
43Kb/2P |
160 nm to 850 nm Response (Multialkali) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type |
R1464 |
51Kb/2P |
19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type |