Fabricant | No de pièce | Fiches technique | Description |
WAGO Kontakttechnik Gmb...
|
09-12-000-9922 |
445Kb/1P |
Kodierstift Han Q 2/0 2021-10-01 |
855-3001-100-003 |
200Kb/5P |
Split-core current transformer; Primary rated current: 100 A |
750-354-000-002 |
429Kb/6P |
Fieldbus Coupler EtherCAT; ID Switch; 100 Mbit/s; Diagnostics |
855-301-100-201 |
571Kb/6P |
Plug-in current transformer; Primary rated current: 100 A |
855-305-100-201 |
551Kb/6P |
Plug-in current transformer; Primary rated current: 100 A |
855-4001-100-001 |
214Kb/5P |
Split-core current transformer; Primary rated current: 100 A |
750-560 |
460Kb/11P |
2-channel analog output; 0 ... 10 VDC; 10 bits; 100 mW/24 V |
733-368 |
1Mb/2P |
HEADER RIGHT ANGLE SOLDER PIN 0.8x0.8 MM PIN SPACING 2.5 MM / 0. 098 IN 100% PROTECTED AGAINST MISMATING |
734-172 |
228Kb/8P |
THT male header; 1.0 x 1.0 mm solder pin; angled; 100% protected against mismating; Pin spacing 3.5 mm; 12-pole; light gray 20.06.2023 |
2734-1103 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 3-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1107 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 7-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1108 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 8-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1105 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 5-pole; 100% protected against mismating; 1,50 mm²; light gray Version 20.12.2022 |
2734-1110 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 10-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1104 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 4-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1116 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 16-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1102 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 2-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1112 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 12-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |
2734-1106 |
2Mb/6P |
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 6-pole; 100% protected against mismating; 1,50 mm²; light gray Version 26.12.2022 |