Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ONE Fiches techniques, Datasheet

Description trouvée : 'One' - Totale: 109 (1/6) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0638933000 Mini-Mac Applicator, Double 18 AWG Wires, One Wire Max Insulation 4.32mm and One Max Insulation 2.79mm
0732760112 50 Ohms, N Plug, Straight, Crimp Style, LMR-400 Cable, Nickel (Ni) Plated, One Piece Per Bag
0734042990 75 Ohms, SMB Mini, Straight Plug, Crimp, RG-179 Cable, One Piece Per Bag
0731711682 50 Ohms, BNC Jack, RG-188, One Piece Per Bag
0734205210 50 Ohms, SMP-MAX Plug Slide on PCB, Straight, Surface Mount, One Piece Per Bag
0731160065 MCRF-to-MCRF, 0.81mm Cable Diameter, Length 76.2mm, H18, 50 Ohms, One Piece
0734155031 50 Ohms, SMP Jack Right-Angle for RG-174, RG-188 and RG-316 Cable, One Piece
0733860031 50 Ohms, RF Adapter BNC Plug to SMA Jack, One Piece Per Bag
0731712641 75 Ohms, Mini BNC Plug, Straight, RG-179 Cable, One Piece Per Bag
0732540241 50 Ohms, QMA Right-Angle Jack, PCB Receptacle, One Piece Per Bag
73251-2207 50 Ohms, SMA Jack, Right-Angle PCB, Nickel (Ni), One Piece Per Bag
0731713231 75 Ohms, BNC Vertical Jack, 3 Ghz, One Piece Per Bag
73404-1481 50 Ohms, SMB Straight Jack, Bulkhead, RG-405, One Piece Per Bag
0734151635 75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, One Piece Per Page
73276-2350 50 Ohms, N Jack, Crimp, RG-141, RG-303 and RG-58 Cable, One Piece Per Bag
0732513140 50 Ohms, SMA PCB Jack Receptacle, Through Hole, One Piece Per Bag
73415-3981 75 Ohms, BNC Dual Jack, One Piece Per Bag
0734043000 75 Ohms, SMB Mini, Right-Angle Plug, Crimp, RG-179 Cable, One Piece Per Bag
0733860101 50 Ohms, Adapter, TNC Plug to SMA Jack, One Piece Per Bag
73100-0175 75 Ohms, SMB Mini, Right-Angle, PCB Jack Receptacle, One Piece Per Bag

  1 2 3 4 5 6