Fabricant | No de pièce | Fiches technique | Description |
Texas Instruments
|
UCC28220 |
373Kb/24P |
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE |
UCC28220 |
616Kb/30P |
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE |
UCC28220 |
897Kb/32P |
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE |
REF3012 |
309Kb/13P |
50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE |
REF3012 |
622Kb/17P |
50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE |
LM2596T-5.0 |
4Mb/42P |
Adjustable Version Output Voltage Range, 1.2V to 37V 짹4% Max Over Line and Load Conditions |
ADS8382 |
1Mb/36P |
600-kHz Sample Rate, 짹1.25 LSB Typ, 짹3 LSB Max INL, 18-Bit NMC Ensured Over Temperature |
ADS8405 |
1Mb/29P |
Unipolar Pseudo-Differential Input, 0 V to Vref, 16-Bit NMC at 1.25 MSPS, 짹2 LSB INL Max, -1/+1.5 LSB DNL |
LM139-N |
1Mb/30P |
The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators. |
LM193-N |
1Mb/24P |
The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage. |