Moteur de recherche de fiches techniques de composants électroniques |
|
|
ISO Fiches technique, PDF |
Mot-clé recherché : 'ISO' - Totale: 13 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Maxim Integrated Produc... |
MAX66901EVKIT |
573Kb/4P |
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys Rev 1; 2/10 |
MAX17681 |
533Kb/18P |
Iso-Buck DC-DC Converter Rev 0; 9/14 |
|
MAX66140 |
191Kb/21P |
ISO 15693-Compliant Secure Memory Rev 1; 1/11 |
|
MAX17686 |
866Kb/19P |
4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter Rev 1; 4/19 |
|
MAX66120 |
378Kb/24P |
ISO 15693-Compliant 1Kb Memory Fob Powered Entirely Through the RF Field Rev 0; 11/10 |
|
MAX66240 |
896Kb/23P |
DeepCover Secure Authenticator with ISO 15693, SHA-256, and 4Kb User EEPROM Rev 5; 4/19 |
|
MAX66100 |
223Kb/16P |
ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field Rev 0; 1/11 |
|
MAX66040 |
331Kb/25P |
ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function Rev 0; 1/11 |
|
MAX17687 |
751Kb/19P |
4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter Rev 0; 12/18 |
|
MAX66242 |
475Kb/16P |
DeepCover Secure Authenticator with ISO 15693, I2C, SHA-256, and 4Kb User EEPROM Rev 3; 4/18 |
|
MAX66000 |
288Kb/21P |
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function Rev 0; 1/11 |
|
73S1217F |
1Mb/140P |
Bus-Powered 80515 System-on-Chip with USB, ISO 7816 / EMV, PINpad and More December 2008 |
|
MAX66020 |
360Kb/25P |
ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block) Rev 0; 12/10 |