Moteur de recherche de fiches techniques de composants électroniques |
|
|
INDUCTANCE Fiches technique, PDF |
Mot-clé recherché : 'INDUCTANCE' - Totale: 20 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
EPCOS |
B82478 |
308Kb/3P |
SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH) |
B82472-G4 |
505Kb/4P |
Size 7x7 mm Rated inductance 1 mH .. 1000 mH | |
B82464G4682M |
45Kb/3P |
Size 10x10 mm Rated inductance 0,82 mH .. 1000 mH | |
B65845 |
98Kb/5P |
EP 17 For transformers featuring high inductance and low overall height | |
B82476-A1103-M |
58Kb/3P |
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA | |
B82478-A1103-M |
59Kb/3P |
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA | |
B82470A1223M |
1Mb/4P |
Size 4,8 x 4,8 x 1,2 mm Rated inductance 1 關H .. 47 關H | |
B82141A |
229Kb/10P |
SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000 | |
B82412-A3100-M |
107Kb/6P |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA | |
B82422-A3829-M |
106Kb/6P |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA | |
B82422-A3829 |
124Kb/7P |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA | |
B82432-A1102-K |
102Kb/6P |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA | |
B82422-T3100 |
110Kb/6P |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA | |
B82432-T |
56Kb/2P |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA | |
B82498-B3279-M |
74Kb/6P |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA | |
B82422-H1102-K100 |
68Kb/5P |
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA | |
B82432-H1102-K |
71Kb/5P |
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA | |
SIMID |
125Kb/8P |
Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA | |
B82442-H1102-K |
105Kb/6P |
High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA | |
B82500 |
57Kb/3P |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH |
1 |
1 |
Qu'est-ce que INDUCTANCE |