Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT
|
2902056 |
410Kb/21P |
Frequency transducer with transistor switching output |
2902832 |
133Kb/9P |
Frequency transducer - MINI MCR-SL-F-UI-NC 09/12/2020 |
2902833 |
82Kb/7P |
Frequency transducer - MINI MCR-SL-F-UI-SP-NC |
2989213 |
94Kb/4P |
Firewall/router in PCI format 533 MHz processor cycle frequency |
2861632 |
370Kb/22P |
Inline Function Terminal for Pulse Width Modulation and Frequency Modulation |
PLC-OSC-5DC |
71Kb/4P |
Input solid-state relay, transmission frequency: 100 kHz, with LED and protective circuit in input and output v |
2701226 |
150Kb/6P |
Filter times of 100 關s enable you to implement a counter function with a maximum input frequency of 5 kHz in the application. |
2702291 |
150Kb/5P |
Filter times of 100 關s enable the user to implement a counter function with a maximum input frequency of 5 kHz in the application. |
2702017 |
144Kb/6P |
Filter times of 100 關s enable the user to implement a counting function with a maximum input frequency of 5 kHz in the application. |
RAD-SPL-2-N |
52Kb/2P |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677) |
ILBBTADIO2 |
115Kb/6P |
Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable |
2740818 |
176Kb/6P |
Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, 3 dB base frequency at 230 Hz, 2-wire connection method |