Fabricant | No de pièce | Fiches technique | Description |
Roithner LaserTechnik G...
|
S810500MG |
1Mb/5P |
Flat window cap |
LD690-C350 |
156Kb/2P |
Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window |
LD635-C220 |
156Kb/2P |
Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window |
LD1490-C010 |
403Kb/3P |
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window |
LD1430-C003 |
332Kb/4P |
Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window |
LD1550-C500 |
372Kb/3P |
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request |
RLT1070-10MG |
492Kb/2P |
RLT1070-10MG is a Laser Diode emitting at 1070 nm with rated output power of 10 mW CW at room temperature. The 5.6 mm TO package includes a cap and flat window, and contains a built inmonitor PD |
RLT1080-10G |
526Kb/2P |
RLT1080-10G is a Laser Diode emitting at 1080 nm with rated output power of 10 mW CW at room temperature. The 9 mm TO package includes a cap and flat window, and contains a built in monitor PD |