Fabricant | No de pièce | Fiches technique | Description |
Siemens Semiconductor G...
|
MOC8111 |
24Kb/2P |
PHOTOTRANSISTOR NO BASE CONNECTION OPTOCOUPLER |
CNY17F |
210Kb/4P |
PHOTOTRANSISTOR NO BASE CONNECTION OPTOCOUPLER |
TDA4942 |
127Kb/7P |
TV Stereo Matrix with Tape Recorder Connection |
CNY17FG |
182Kb/4P |
single channel phototransistor optocoupler no base connection |
TDA5800 |
138Kb/5P |
VIDEO IF IC WITH AFC AND VTR CONNECTION |
TDA5830-2 |
401Kb/15P |
VIDEO IF IC WITH VTR CONNECTION AND QUASI PARALLERL SOUND |
BAT70-05 |
17Kb/2P |
Silicon Schottky Diodes (Parallel connection for maximum IF per package Low forward voltage drop For power supply) |
3RT1036-1AM20 |
150Kb/4P |
CONTACTOR, AC-3 22 KW/400 V, AC 208 V, 50/60 HZ, 3-POLE, SIZE S2, SCREW CONNECTION |
3RV2411-1JA10 |
184Kb/5P |
CIRCUIT-BREAKER SZ S00, FOR TRANSFORMER PROT. A-RELEASE 7...10A, N-RELEASE 208A, SCREW CONNECTION, STANDARD SW. CAPACITY 04/11/2014 |
3RV2011-1DA10 |
187Kb/5P |
CIRCUIT-BREAKER SZ S00, FOR MOTOR PROTECTION, CLASS 10, A-REL.2.2...3.2A, N-RELEASE 42A, SCREW CONNECTION, STANDARD SW. CAPACITY 04/11/2014 |
3SE6604-2BA |
267Kb/3P |
magnetically-operated switch, contact block, large, 25 x 88 mm, 2 NC connection cable 3 m LIYY 4 x 0.25 mm2 required solenoid 3SE6704-2BA or with increased operating distance 3SE6701-2BA 10/20/2023 |
6GK1562-3AA00 |
198Kb/3P |
Communications processor CP 5623 PCI Express X1 (3, 3V) for connection to PROFIBUS; incl. configuration tool and DP-Base software: DP-RAM interface for DP master incl. PG and FDL protocol, Single License for 1 installation, Runtime 6/9/2023 |
3VA5330-6EC31-0AA0 |
666Kb/6P |
CIRCUIT BREAKER 3VA5 UL Frame 400 BREAKING CAPACITY CLASS H 65kA @ 480 V 3POLE, LINE PROTECTION TM230, FTAM, In=300A WITHOUT OVERLOAD PROTECTION IR=300A FIXED SHORT CIRCUIT PROTECTION Ii=5...10 x In W/O CONNECTION 04/26/2020 |
6ES7137-6AA01-0BA0 |
149Kb/3P |
SIMATIC ET 200SP, CM PTP communication module for serial connection RS- 422, RS-485 and RS-232, freeport, 3964 (R), USS, MODBUS RTU master, slave, max. 250 Kbit/s, suitable for BU type A0, pack quantity: 1 unit 6/14/2023 |