Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BUILT-IN Fiches techniques, Datasheet

Description trouvée : 'BUILT-IN' - Totale: 15 (1/1) Page
FabricantNo de pièceVoirDescription

Mitsubishi Electric Sem...
PS12033 Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
M52979F 2-CHANNEL SPD SENSOR BUILT-IN DETECT AMOUNT OF LIGHT
M62370GP 3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
M62371GP 3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS 
M62496FP ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
M62376GP 8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
M64884FP Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
PS11033 Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
M65824AFP CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
M65824FP SIGNAL PROCESSOR FOR CD PLAYER WITH BUILT-IN D/A
PS11034 Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
PS11036 Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11035 Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11037 Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package