Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  



APPROVED Fiches technique, PDF

Mot-clé recherché : 'APPROVED' - Totale: 4 (1/1) Pages
FabricantNo de pièceFiches techniqueDescription
Company Logo Img
PHOENIX CONTACT
2702501 Datasheet pdf image
84Kb/4P
Inline ECO terminals are approved for the temperature range from 0째C to +55째C. The electronics base and Inline connector are supplied as standard.
REL-MR-12DC Datasheet pdf image
79Kb/5P
Plug-in miniature power relay, with power contact, 2 PDTs, 24 V DC input voltage, UL/cUL: approved for use in Ex Zone Class 1 Div 2
PLC-RSC-12DC Datasheet pdf image
111Kb/9P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PLC-RSC-24DC Datasheet pdf image
116Kb/11P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)