Moteur de recherche de fiches techniques de composants électroniques |
|
|
500MHZ Fiches technique, PDF |
Mot-clé recherché : '500MHZ' - Totale: 11 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Maxim Integrated Produc... |
MAX4100 |
144Kb/12P |
500MHz, Low-Power Op Amps 19-0436; Rev 1; 3/96 |
MAX2472 |
242Kb/12P |
500MHz to 2500MHz VCO Buffer Amplifiers 19-1466; Rev 0; 6/99 |
|
MAX2010 |
527Kb/19P |
500MHz to 1100MHz Adjustable RF Predistorter Rev 0; 8/03 |
|
MAX2470 |
115Kb/8P |
10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs 19-4797; Rev 0; 2/99 |
|
MAX2471EUT |
120Kb/8P |
10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs Rev 0; 2/99 |
|
MAX2091 |
6Mb/29P |
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer 2015 |
|
MAX19794 |
6Mb/25P |
10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC Rev 1; 5/15 |
|
MAX19792 |
4Mb/23P |
500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC Rev 1; 9/12 |
|
MAX4412 |
363Kb/16P |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs Rev 1; 1/09 |
|
MAX4412 |
343Kb/15P |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs 19-1831; Rev 0; 11/00 |
|
MAX2091 |
5Mb/29P |
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control Rev 0; 7/12 |