Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  



3.3 Fiches technique, PDF

Mot-clé recherché : '3.3' - Totale: 19 (1/1) Pages
FabricantNo de pièceFiches techniqueDescription
Company Logo Img
Infineon Technologies A...
TLE4275V33 Datasheet pdf image
319Kb/12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
ESD251-B1-W0201 Datasheet pdf image
2Mb/14P
Bi-directional TVS device, 3.3 V, 30 pF, 0201
v2.1 2019-08-09
ESD252-B1-W01005 Datasheet pdf image
742Kb/14P
Bi-directional ESD protection device, 3.3 V, 30 pF, 01005
v1.1 2022-08-16
TLE4274 Datasheet pdf image
225Kb/13P
Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
TLE4296-2 Datasheet pdf image
225Kb/12P
Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
ESD150-B1-W0201 Datasheet pdf image
691Kb/13P
Bi-directional ESD protection device, 3.3 V, 0.15 pF, 0201
v1.0 2020-10-23
TLE4266-2 Datasheet pdf image
212Kb/12P
Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
TLE4296 Datasheet pdf image
226Kb/12P
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
HYS64V16300GU Datasheet pdf image
322Kb/20P
3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
HYS64V16302GU Datasheet pdf image
223Kb/13P
3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
TLE4295 Datasheet pdf image
177Kb/10P
Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Rev. 1.4, 2008-04-21
HYS64V32300GU Datasheet pdf image
266Kb/16P
3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V64220GU Datasheet pdf image
274Kb/15P
3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
V23826-H18-C63 Datasheet pdf image
422Kb/14P
DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
V23826-C18-C366 Datasheet pdf image
454Kb/15P
DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-C18-C64 Datasheet pdf image
413Kb/15P
DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-T63 Datasheet pdf image
273Kb/12P
DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-C18-T64 Datasheet pdf image
275Kb/12P
DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
V23875-T3261-C110 Datasheet pdf image
429Kb/10P
High Power Triport-BIDI Optical Triplexer Component 1310 nm Tx / 1490 nm Digital Rx with 622 Mbit/s, 3.3 V TIA /1555 nm Analog Video Rx
2003-03-04