Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT
|
CF-3000-LOC-1 |
48Kb/2P |
Sleeve receiver for 1.0 mm짼 sleeves |
1340143 |
177Kb/3P |
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CKM Jan 11, 2023 |
1340131 |
179Kb/4P |
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CLM Jan 11, 2023 |
CF-3000-AB-1 |
45Kb/2P |
Adjustable spare stripping knife, 1.0 mm짼, for crimping machine CF 3000 |
CF-3000-BBE-AME1 |
43Kb/2P |
Replacement processing insert 1.0 mm짼, for the crimping device CF 3000-2,5 |
CF-3000-CG-1 |
45Kb/2P |
Replacement cable guide 1.0 mm짼, for sleeve feed CF 3000 HZG 1,0 |
CF-3000-BBE-1 |
43Kb/2P |
Replacement processing insert 1.0 mm짼, for the crimping device CF 3000-2,5 |
2322786 |
47Kb/3P |
Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 1.0 m |
2302654 |
103Kb/3P |
System cable for Mitsubishi Electric MELSEC Q X81, MELSEC A1S X81, MELSEC A AX82, cable length 1.0 m |
2302489 |
102Kb/3P |
Splitting cable for Mitsubishi Electric MELSEC Q Y81P, MELSEC A1S Y81, MELSEC A AY82EP, cable length 1.0 m |
SF-Z0025 |
45Kb/2P |
Crimping pliers for turned crimp contacts 횠 1.0 mm / 횠 1.6 mm / 횠 2 mm / 횠 3.6 mm, litz wire cross section of 0.08 mm짼 ... 6 mm짼 |
1404443 |
99Kb/4P |
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket |
1404430 |
99Kb/4P |
AS-Interface distributor with IP67 protection for one flat-ribbon conductor, with 1.0 m PUR round conductor and a molded, straight, A-coded, 2-pos. M12 SPEEDCON socket |
1407573 |
104Kb/4P |
AS-Interface distributor with a high degree of protection, for a branch from one flat-ribbon conductor to a 1.0 m PUR round cable with straight M12-SPEEDCON socket |
1437698 |
124Kb/6P |
Bus system flush-type socket, Ethernet, 4-pos., M12, shielded, D-coded, SPEEDCON, rear/screw mounting with Pg9 thread, can be positioned, with 1.0 m bus cable, 2 x 2 x 0.2 mm짼 |
ILBBTADIOMUX-PANEL |
111Kb/6P |
Wireless MUX set, consisting of two modules with 16 digital and 2 analog inputs and outputs each (4-20 mA, 0-10 V), panel antennas with 1.0 m cable, maximum emitted transmission power of 20 dBm, approvals for countries, supply voltage 24 V DC |
2296825 |
86Kb/3P |
Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for IB 32, no. of positions 40/4x14, cable length 1.0 m |