Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



STRIPS Fiches techniques, Datasheet

Description trouvée : 'STRIPS' - Totale: 340 (1/17) Pages
FabricantNo de pièceVoirDescription

Samtec, Inc
FTS-104-01-F-D MICRO LOW PROFILE TERMINAL STRIPS
SD-112-G-21C PRECISION MACHINED SOCKET STRIPS
SL-131-T-11 LOW PROFILE MACHINED SOCKET STRIPS

PHOENIX CONTACT
3969916 Space saving, thanks to compact, modular test terminal strips
2294636 Round cable sets, with 40-pos. socket strips in fixed lengths (50 cmsteps) to connect to 32-channel I/O cards of the SLC 500, length 1.5 m
2294649 Round cable sets, with 40-pos. socket strips in fixed lengths (50 cmsteps) to connect to 32-channel I/O cards of the SLC 500, length 2 m
2296728 Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 3.0 m
2296773 Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 10.0 m
2296825 Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for IB 32, no. of positions 40/4x14, cable length 1.0 m
2298522 Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for OB 32, no. of positions 40/4x14, cable length 2.0 m

Samtec, Inc
SD-123-G-2 PRECISION MACHINED SOCKET STRIPS
SS-126-S-2 PRECISION MACHINED SOCKET STRIPS

Littelfuse
FUSESTRIPS48V FUSE STRIPS RATED 48V - SPECIAL PURPOSE FUSES

PHOENIX CONTACT
2308111 Flexible labeling system with hinged transparent cover and matching insert strips
2314244 Assembled halogen-free round cable, with two 50-pos. socket strips (1:1 connection), for connecting 32 channels.
2314299 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 2.0 m
2314309 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 3.0 m
2314312 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 4.0 m
2314325 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 10.0 m
2314338 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 15.0 m