Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PROTECTED Fiches techniques, Datasheet

Description trouvée : 'protected' - Totale: 861 (9/44) Page
FabricantNo de pièceVoirDescription

Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 IP67 Protected 10BaseT / 100Base-TX Ethernet Switch

Diodes Incorporated
DMP32D9UFZ ESD Protected Gate

STMicroelectronics
STP60NS04Z N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET

Intersil Corporation
ICL3224E_06 +/-15kV ESD Protected, +3V to +5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4241E QFN Packaged, ±15kV ESD Protected, +2.7V to +5.5V, 10Nanoamp, 250kbps, +2.7V to +5.5V, 10Nanoamp, 250kbps,

Cystech Electonics Corp...
2SK3541Y3 ESD protected N-Channel Enhancement Mode MOSFET

Murata Manufacturing Co...
PTGLCSAS0R8K2B51B0 circuit is protected until current is turned off

Linear Technology
LTC7000 Fast 150V Protected High Side NMOS Static Switch Driver

Exar Corporation
MP3275 Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem

STMicroelectronics
STP90NS04ZC N-channel clamped 5mΩ - 80A TO-220 Fully protected SAFeFET™ Power MOSFET
ACST1010-7FP Overvoltage protected AC switch

Pan Jit International I...
2N7002KDW-AU 60V N-Channel Enhancement Mode MOSFET - ESD Protected

Infineon Technologies A...
TLE94112EL a protected twelve-fold half-bridge driver designed especially for automotive motion control applications

Linear Technology
LTC1472 Protected PCMCIA VCC and VPP Switching Matrix

Intersil Corporation
5962-0620701Q3A ±15kV ESD Protected, +3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers

Vishay Siliconix
SIP4612A Protected 1-A High-Side Load Switch

Analog Devices
ADM3311E_15 15 kV ESD Protected, 2.7 V to 3.6 V Serial

Pan Jit International I...
PJX8803 20V P-Channel Enhancement Mode MOSFETESD Protected

Renesas Technology Corp
ISL83387E +/-15kV ESD Protected, +3V to +5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply

STMicroelectronics
STW130NS04ZB_06 N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET

  1 2 3 4 5 6 7 8 9 10