Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CONNECTORS Fiches techniques, Datasheet

Description trouvée : 'connectors' - Totale: 491 (1/25) Page
FabricantNo de pièceVoirDescription

Lumberg
3679_18 RAST 5 connectors, pitch 5.0 mm
NESJ250 Power supply connectors
0132 DIN circular connectors
3625_18 RAST 5 connectors, pitch 5.0 mm
161324 Power supply connectors
AZ30 Micromodul connectors, pitch 1.27 mm
KLKM3 Jack connectors
3513-1_18 RAST 2.5 connectors, pitch 2.5/5.0 mm
SV30 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
241009 USB and IEEE 1394 connectors
3557_18 RAST 2.5 connectors, pitch 2.5/5.0 mm
0318_18 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
5.08RF Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
161416 Power supply connectors
030798-2 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
253301 Modular connectors
3680_18 RAST 5 connectors, pitch 5.0 mm
NESJ135 Power supply connectors
357000 RAST 2.5 connectors, pitch 2.5/5.0 mm
031798-2 Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68

  1 2 3 4 5 6 7 8 9 10