Moteur de recherche de fiches techniques de composants électroniques |
|
|
YES, Fiches technique, PDF |
Mot-clé recherché : 'YES,' - Totale: 9 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0358022439 |
148Kb/3P |
1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 24 Circuits |
0358021229 |
323Kb/4P |
1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 12 Circuits | |
PHOENIX CONTACT |
1606246 |
64Kb/2P |
Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 8+1, type of contact: Socket, Solder connection |
1593754 |
63Kb/2P |
Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 6, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm | |
1603749 |
64Kb/2P |
Cable connector, angled, shielded: yes, Screw locking, M23, No. of pos.: 6+3, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm | |
1603748 |
64Kb/2P |
Cable connector, angled, shielded: yes, Screw locking, M23, No. of pos.: 6+3, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm | |
1424416 |
68Kb/3P |
Box mounting bases D50, with double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 82 mm, cable gland: Pg29, support sleeve: yes, 2x Pg29, Standard | |
1606387 |
71Kb/2P |
Feed-through of rear wall, straight, shielded: yes, Screw locking, M23, No. of pos.: 12, type of contact: Socket, Crimp connection, Axial O-ring, Central fixing, cable diameter range: 2 mm ... 14.5 mm | |
1424397 |
68Kb/3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, protective cover material: PC, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M25, protective cover: yes, Standard |