Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

WIRES Fiches techniques, Datasheet

Description trouvée : 'WIRES' - Totale: 77 (1/4) Page
FabricantNo de pièceVoirDescription

Roithner LaserTechnik G...
RLM650-A 650nm Red Laser Module with Two Wires

PHOENIX CONTACT
2305868 Round cable assembled with a 20-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 20 and have ferrules, cable length: 10 m

List of Unclassifed Man...
MPR3XXWX STD METAL PANEL MOUNT INDICATORS W/ WIRES

Molex Electronics Ltd.
0638275300 Hand Crimp Tool for Ultra-Fit Crimp Terminals, 16-18 AWG (UL1061) wires

Omron Electronics LLC
XG5N-U Crimped MIL Connector Sockets for Discrete Wires

Molex Electronics Ltd.
0639037400 FineAdjust Applicator for 2.00mm DuraClik ISL Receptacle Terminals, 0.30mm AVSS, 0.35mm ISO wires

Tyco Electronics
2-1194763-7 COAXIAL SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD SOLID WIRES

SHIELD s.r.l.
REEF00300 M8, receptacle, with wires, frontal assembling

List of Unclassifed Man...
BU-5200-A-4-0 BNC Female Breakout to Tinned End Wires

SHIELD s.r.l.
HDSF00250 7/8, receptacle, with wires, back assembling

PHOENIX CONTACT
1404498 AS-Interface distributor with IP20 degree of protection for two flat-ribbon conductors, with spring-cage terminal blocks for four litz wires up to 1.5 mm²

TDK Electronics
B57869S0103F140 Miniature sensors with bendable wires

PHOENIX CONTACT
2838791 Protection of all eight signal wires of the data cable
2318169 Round cable assembled with a 16-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 16 and have ferrules, cable length: 2.5 m
CUTFOX-10 Cutting machine, for cables, litz wires, and shrink sleeves, 230 V mains voltage

Molex Electronics Ltd.
0639037000 FineAdjust Applicator for Mini-Fit TPA 2.0 Crimp Terminals, 0.22mm, 0.25mm, 0.35 mm and 22-24 AWG wires

PHOENIX CONTACT
2305363 Round cable assembled with a 50-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 50 and have ferrules, cable length: 1.5 m

Molex Electronics Ltd.
0639013000 FineAdjust Applicator for two 20 AWG - UL 1015 wires
0638272000 Hand Crimp Tool for .187 Slip-On QD Receptacle Terminals, 16-20 AWG UL1015 Wires

PHOENIX CONTACT
2318211 Round cable assembled with a 16-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 16 and have ferrules, cable length: 10.0 m

  1 2 3 4