Moteur de recherche de fiches techniques de composants électroniques |
|
|
WHERE Fiches technique, PDF |
Mot-clé recherché : 'WHERE' - Totale: 80 (4/4) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Littelfuse |
0402L |
815Kb/5P |
The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired |
Ledil, Inc. |
C14515 |
2Mb/4P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height |
Littelfuse |
1206L012WR |
797Kb/6P |
The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired. |
Coilcraft lnc. |
0603CS |
146Kb/2P |
Ultra-small size, exceptional Q and high SRFs make these inductors ideal for high frequency applications where size is at a premium |
Littelfuse |
0603L |
909Kb/5P |
The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired |
1210L |
910Kb/6P |
The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired | |
Ledil, Inc. |
C16958 |
4Mb/5P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height. |
RMT Ltd. |
2MP04096 |
226Kb/4P |
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling. |
2MP04012 |
185Kb/4P |
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling. | |
2MP04032 |
222Kb/4P |
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling. | |
2MP04018 |
195Kb/4P |
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling. | |
Ledil, Inc. |
CA15150 |
5Mb/5P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height. Assembly with installation tape. |
RMT Ltd. |
2MP04060 |
221Kb/4P |
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling. |
Fairchild Semiconductor |
FGD3N60UNDF |
1Mb/10P |
Using advanced NPT IGBT technology, Fairchild짰?셲 the NPT vIGBTs offer the optimum performance for low-power inverterdriven applications where low-losses and short-circuit ruggedness features are essential. |
SMSC Corporation |
LAN9303M |
587Kb/11P |
The LAN9303M is a full featured, three-port 10/100 managed Ethernet switch designed for embedded applications where performance, flexibility, ease of integration and system cost control are required |
Connor-Winfield Corpora... |
FTS500 |
1Mb/6P |
In a world where precise timing is critical, the FTS500 Xenith TBR (Time Base Reference) is the ultimate partner for your DVB/DAB, wireless communications, time-stamping or any other timing vital application. |
SL Power Electronics |
GNT60 |
122Kb/2P |
GNT60-X-YYYG, where X = 12, 15, 18, 24 or 48 which represents the output voltage rating, -YYY is value added options not related to Safety and G represents ROHS Compliance |
rfsolutions.ltd |
DS-GPSMG-2 |
1Mb/10P |
A compact Antenna for GPS applications where high performance is required from a small size. The antenna includes a Low Noise Amplifier and incorporates both magnetic mount and screw fixings. |
Littelfuse |
08010300 |
309Kb/2P |
Dual Pole Manual Battery Disconnect Switch features model with a removable handle with chain so it never gets lost or a model with a fixed handle with integrated Lock-Out Tag-Out for applications where required |
SL Power Electronics |
GEM750 |
116Kb/2P |
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector... |
< 1 2 3 4 |
< 1 2 3 4 |