Moteur de recherche de fiches techniques de composants électroniques |
|
|
WAVELENGTHS Fiches technique, PDF |
Mot-clé recherché : 'WAVELENGTHS' - Totale: 17 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Emcore Corporation |
1754C-32-BB-SC-08 |
764Kb/7P |
Standard ITU Grid Wavelengths |
Hamamatsu Corporation |
C8000-30 |
118Kb/2P |
High-sensitivity imaging from UV to nearinfrared wavelengths |
Source Photonics, Inc. |
XPD-MR-08-XXCDFA |
532Kb/9P |
Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid |
XPD-MR-04-XXIDFA |
491Kb/9P |
Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid | |
Lumileds Lighting Compa... |
DS171 |
2Mb/23P |
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield |
L1SP-PNK1002800000 |
2Mb/17P |
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield 20210615 |
|
DS195 |
2Mb/16P |
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield | |
PB195 |
1Mb/2P |
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield | |
PB171 |
1Mb/2P |
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield | |
Advanced Photonix, Inc. |
SD0008-3111-111 |
215Kb/3P |
The SD0008-3111-111 is a high sensitivity, low noise, 0.1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. |
SD0200-3111-011 |
207Kb/3P |
The SD0200-3111-011 is a high sensitivity, low noise, 0.5 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications | |
SD0003-3111-011 |
206Kb/3P |
The SD0003-3111-011 is a high sensitivity, low noise, 0.06 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. | |
SD0090-3111-185 |
232Kb/3P |
The SD0090-3111-185 is a high sensitivity, low noise, 0.3 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. | |
SD0008-3111-011 |
206Kb/3P |
The SD0008-3111-011 is a high sensitivity, low noise, 0.1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. | |
SD0200-3111-111 |
215Kb/3P |
The SD0200-3111-111 is a high sensitivity, low noise, 0.5 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. | |
SD0800-3111-111 |
215Kb/3P |
The SD0800-3111-111 is a high sensitivity, low noise, 1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. | |
SD0003-3111-111 |
215Kb/3P |
The SD0003-3111-111 is a high sensitivity, low noise, 0.06 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications. |