Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

WATTS Fiches techniques, Datasheet

Description trouvée : 'WATTS' - Totale: 4268 (1/214) Page
FabricantNo de pièceVoirDescription

Advanced Power Technolo...
2729-170 170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100®, 10%

Wall Industries,Inc.
DTSPU68 Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply

SL Power Electronics
ZPS-150 150, 200 WATTS 300, 400 WATTS (PFC AVAILABLE) WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS

TT Electronics.
4LPW 3 watts to 15 watts
LPW 3 watts to 15 watts

Astec America, Inc
AEH40 132 Watts / 48 Watts DC-DC Converter

Chenmko Enterprise Co. ...
5KP VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE

TT Electronics.
PLO 3 watts to 15 watts

List of Unclassifed Man...
4CX300Y Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt

Nanjing International G...
1.5KE 6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State

Pasternack Enterprises,...
PE7206-50 50 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz

Taiwan Semiconductor Co...
1SMA4737 1.25 Watts Surface Mount Silicon Zener Diode

Pasternack Enterprises,...
PE6207 Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input
PE7215-40 40 dB Fixed Attenuator, SMA Male To N Female Directional Rated To 100 Watts Up To 6 GHz

FSP TECHNOLOGY INC.
FSP300-60APN85 specification describes a 300 watts power supply.

Ericsson
PTF10135 5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor

Wall Industries,Inc.
DCMPP10_18 Up to 10 Watts Medical DC/DC Power Converters

Astec America, Inc
ALQ15-DUAL 60 Watts Dual Output Converter

Pasternack Enterprises,...
PE7227-60 60 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 100 Watts Up To 6 GHz

Powerbox
PBMPLS-12U 500-7000 WATTS DC/AC INVERTER

  1 2 3 4 5 6 7 8 9 10