Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

VOLTAGES Fiches techniques, Datasheet

Description trouvée : 'VOLTAGES' - Totale: 137 (1/7) Page
FabricantNo de pièceVoirDescription

M.S. Kennedy Corporatio...
MSK5500-18 Alternate output voltages available

Texas Instruments
TPS740XX 1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
LP2985LV-N_15 LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985LV 150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
TPS74012_15 1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages

Semtech Corporation
SC187 4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages

Texas Instruments
LM2727_16 LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages

CRYSTEK CORPORATION
CPLL66-1600-2200 PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO

Anpec Electronics Corop...
APL5885_09 500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages

CRYSTEK CORPORATION
CPLL66-3160-3380 PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO

National Semiconductor ...
LM2727 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages

STMicroelectronics
PM6685_07 Dual step-down main supply controller with auxilary voltages for notebook system power

Vishay Siliconix
FPZ140_13 RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic

Infineon Technologies A...
IFF2400P17AE440989 IPM for typical voltages up to 690 VRMSRated output current 650 ARMS

Panasonic Semiconductor
AEP17012 Control of large voltages and currents

Renesas Technology Corp
X9313 Digitally Controlled Potentiometer (XDCP™) Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC

Texas Instruments
LP2985LV Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors

PHOENIX CONTACT
2866048 Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks

M.S. Kennedy Corporatio...
MSK5502-12 Available in 12V and 15V Output Voltages

Maxim Integrated Produc...
MAX6138 0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages

  1 2 3 4 5 6 7