Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



VOLTAGE Fiches techniques, Datasheet

Description trouvée : 'VOLTAGE' - Totale: 48793 (1/2440) Pages
FabricantNo de pièceVoirDescription

Texas Instruments
TPS65280_15 DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND

Littelfuse
HLMU The HLMU Series is a universal voltage, encapsulated, 3-phase voltage monitor. It continuously measures the voltage of each of the three phases with microcontroller accuracy and compares the value to preset trip points

Texas Instruments
LM193-N The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.

Littelfuse
K2400E70RP The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative...

Fairchild Semiconductor
FXL2SD106 Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies

Infineon Technologies A...
TLE4276-2 Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance±2%

Fairchild Semiconductor
FXLA102 Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXL5T244 Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies

List of Unclassifed Man...
IL1084 IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A

JMK Inc.
MM-0637A-40D Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc

Texas Instruments
TPS70845 DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS

Hotchip Technology Co.,...
HT3570S ChargIng voltage external adjustable, maximum access voltage

Sharp Electrionic Compo...
PQXXXEF01SZH TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators

IK Semicon Co., Ltd
ILE4260-2_1 Power Voltage Regulator 5 V/500mA with Low Drop-out Voltage(analog to TLE4260 -2, Siemens)

Micrel Semiconductor
MIC5315 Low Voltage Dual 300mA LDO with Voltage Select

Rohm
BU4227FVE-TR Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series

StarHope
TVS-TECB Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power

GOOD-ARK Electronics
5KP250CA Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V

Littelfuse
SMBJ The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events

NEC
PS7341-1A 6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET