Fabricant | No de pièce | Voir | Description |

Integrated Device Techn...
|
IDT72V70200_08 |
 |
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 |

Sensitron
|
SHD526011 |
 |
FIXED POSITIVE 5.0 VOLT REGULATOR |

Solitron Devices Inc.
|
SDP7915A |
 |
MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 15 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON |

Diodes Incorporated
|
ZR4040-2.5 |
 |
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE |

Interpoint Corporation ...
|
HR41-2805 |
 |
DC/DC CONVERTERS 28 VOLT INPUT |

Integrated Device Techn...
|
IDT74LVCH16373A |
 |
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD |

M/A-COM Technology Solu...
|
AT-113 |
 |
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz |

Integrated Circuit Syst...
|
ICS3727XP |
 |
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO |

M/A-COM Technology Solu...
|
M02067_17 |
 |
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps |

Catalyst Semiconductor
|
CAT5132_08 |
 |
16 Volt Digitally Programmable Potentiometer (DPP™) with 128 Taps and I2C Interface |

Integrated Device Techn...
|
IDT74LVCH16244A |
 |
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD |

M/A-COM Technology Solu...
|
M02140 |
 |
Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps |

Crane Aerospace & Elect...
|
HUM-40 |
 |
HOLD UP MODULE 28 VOLT INPUT |

M.S. Kennedy Corporatio...
|
MSK4204HRHU |
 |
100 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER |

Integrated Device Techn...
|
IDT74LVC16827A |
 |
3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O |

Microsemi Corporation
|
SM2337 |
 |
1200 VOLT ULTRA FAST RECOVERY RECTIFIER |

Diodes Incorporated
|
ZR458 |
 |
PRECISION 2.45 VOLT VOLTAGE REFERENCE |

Micro Commercial Compon...
|
MR2400FR |
 |
24 Amp Fast Recovery Rectifiers 50-1000 Volt |

Zetex Semiconductors
|
ZREF12 |
 |
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE |

Central Semiconductor C...
|
CTLHR10-06 |
 |
SURFACE MOUNT SILICON HYPERFAST RECOVERY RECTIFIER 10 AMP, 600 VOLT |