Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



VERTICAL Fiches techniques, Datasheet

Description trouvée : 'VERTICAL' - Totale: 22748 (1/1138) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
34707-3010 Stac64™ 3 Bay Vertical Header, 44 Circuits, Bay A 20 Circuit Signal Vertical Header, Polarization A, Black; Bay B, 8 Circuit Signal Vertical Header, Polarization A, Black, Bay C, 16 Circuit Signal Vertical Header, Polarization A, Black
0878980204 2.54mm Pitch C-Grid® / SL™ Header, Surface Mount, Breakaway, Vertical, 2 Circuits, 2.54mm Pitch C-Grid® / SL™ Header, Surface Mount, Breakaway, Vertical, 2 Circuits,
0099990996_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn)
0039299024 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Selective Plating, with Drain Holes
0901311108_17 2.54mm Pitch C-Grid III Header, Dual Row, Vertical, 56 Circuits, 0.10μm Gold (Au) 2.54mm Pitch C-Grid III Header, Dual Row, Vertical, 56 Circuits, 0.10μm Gold (Au)

MolexKits
76650-0140 IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0158 Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle

Molex Electronics Ltd.
0908143206 1.27mm (.050") Pitch Picoflex® PF-50 Header, Vertical, Low Profile, Surface Mount, 6 1.27mm (.050") Pitch Picoflex PF-50 Header, Vertical, Low Profile, Surface Mount, 6
0099990987_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn)
0919991283 5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, No Reference, 5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, No Reference
0901361418_17 C-Grid III Header, Single Row, Vertical, Shrouded, 18 Circuits, Flash 0.10μm Gold (Au) C-Grid III Header, Single Row, Vertical, Shrouded, 18 Circuits, Flash 0.10μm Gold (Au)
0702800449 2.54mm (.100") Pitch C-Grid Breakaway Header, Dual Row, Vertical, High 2.54mm (.100") Pitch C-Grid Breakaway Header, Dual Row, Vertical, High
0461148121 1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 1.27mm, 12.00mm Pitch, EXTreme LPHPower™ Receptacle Header, Vertical, BMI GUIDE
0901361404_17 C-Grid III Header, Single Row, Vertical, Shrouded, 4 Circuits, Flash 0.10μm Gold (Au) C-Grid III Header, Single Row, Vertical, Shrouded, 4 Circuits, Flash 0.10μm Gold (Au)
0484090004 Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Vertical, Type A,Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Vertical, Type A,
0022035045_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn)
0908143906 1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface 1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface
0022035155_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn)
0901201087_17 2.54mm Pitch C-Grid III Header, Single Row, Vertical, 7 Circuits, Flash Gold (Au) Stripe 2.54mm Pitch C-Grid III Header, Single Row, Vertical, 7 Circuits, Flash Gold (Au) Stripe
41681-0001 KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.38um Gold KK® 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.38μm Gold