Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



VCC Fiches techniques, Datasheet

Description trouvée : 'VCC' - Totale: 106 (1/6) Pages
FabricantNo de pièceVoirDescription

AVAGO TECHNOLOGIES LIMI...
HCPL-2201-560E Very High CMR, Wide VCC Logic Gate Optocouplers

Broadcom Corporation.
6N140A Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

Maxim Integrated Produc...
MAX6456UT16S-T Supervisors with Separate VCC Reset and Manual Reset Outputs

STMicroelectronics
ST2378E-06 8-bit dual supply 1.71V to 5.5V level translator with I/O VCC ± 15KV ESD protection

Mallory performance clu...
PMOF-9745S-42UQ Sensitivity Range -42 ± 3 dB RL = 2.2 k Vcc = 3.0v (1 kHz 0 dB = 1 v/Pa)

California Micro Device...
CM3511 Dual USB Overcurrent Switch 1.2A (VCC) / 200mA (VSBY)

Linear Technology
LTC1470_15 Single and Dual PCMCIA Protected 3.3V/5V VCC Switches

Mallory performance clu...
PMOF-9745W-42UQ Sensitivity Range -42 ± 3 dB RL = 2.2 k Vcc = 3.0v (1 kHz 0 dB = 1 v/Pa)

BCD Semiconductor Manuf...
AT2140 High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes

AMI SEMICONDUCTOR
N04Q1618C2B 4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K×16 bit POWER SAVER TECHNOLOGY

Mallory performance clu...
PMOF-9745P-39UQ Sensitivity Range -39 ± 2 dB RL = 2.2 k Vcc = 4.5v

Agilent(Hewlett-Packard...
HCPL2201 Very High CMR, Wide VCC Logic Gate Optocouplers

Linear Technology
LTC1472_15 Protected PCMCIA VCC and VPP Switching Matrix

AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E Very High CMR, Wide VCC Logic Gate Optocouplers

Micrel Semiconductor
MIC2561 PCMCIA Card Socket VCC & VPP Switching Matrix

BCD Semiconductor Manuf...
AT2041 Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC

Integrated Silicon Solu...
IS62LV1288LL 128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM

Dallas Semiconductor
DS2411 Silicon Serial Number with VCC Input

Linear Technology
LTC1314_15 PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers

FCI connector
63440 POL MINITEK VCC WITH LATCHING

1 2 3 4 5 6 Next