Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

VCC VPP Fiches techniques, Datasheet

Description trouvée : 'VCC VPP ' - Totale: 130 (5/7) Page
FabricantNo de pièceVoirDescription

AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300E Very High CMR, Wide VCC Logic Gate Optocouplers

Hynix Semiconductor
GL3820 1 Video Output 75U-1 VPP No Switched

Mallory performance clu...
PMO-4015SN-42UQ Sensitivity Range -42 ± 3 dB RL = 2.2 k Vcc = 2.0v (1 kHz 0 dB = 1 v/Pa)

Micrel Semiconductor
MIC2558 PCMCIA Dual Card Socket VPP Switching Matrix

AVAGO TECHNOLOGIES LIMI...
HCPL-2202-300E Very High CMR, Wide VCC Logic Gate Optocouplers

BCD Semiconductor Manuf...
AT1042 General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC

Mallory performance clu...
PMO-4530PN-47UQ Sensitivity Range -47 ± 3 dB RL = 2.2 k Vcc = 2.0v

Micrel Semiconductor
MIC2559 PCMCIA Dual Card Socket VPP Switching Matrix

AVAGO TECHNOLOGIES LIMI...
HCPL-2232-300E Very High CMR, Wide VCC Logic Gate Optocouplers

California Micro Device...
CM3511 Dual USB Overcurrent Switch 1.2A (VCC) / 200mA (VSBY)

TriQuint Semiconductor
TGA4826-SM 10 Vpp 15 Gbps Optical Modulator Driver

AVAGO TECHNOLOGIES LIMI...
6N140A-883B Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

AMIC Technology
LP61L1024_15 128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM

Samsung semiconductor
KM62V256C 32Kx8 bit Low Power AND Low Vcc CMOS Static RAM

ATMEL Corporation
AT88SC1003_14 Vpp Internally Generated for Single Voltage Operation

AMI SEMICONDUCTOR
N04Q1618C2B 4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K×16 bit POWER SAVER TECHNOLOGY

Intersil Corporation
X9313ZSIZT1 Linear, 32 Taps, 3 Wire Interface, Terminal Voltages VCC

Macronix International
MX25R3235F Wide Vcc Range, 32M-BIT

Linear Technology
LT1109A_15 Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V

STMicroelectronics
ST2378E-06 8-bit dual supply 1.71V to 5.5V level translator with I/O VCC ± 15KV ESD protection

  1 2 3 4 5 6 7