Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

VCC VPP Fiches techniques, Datasheet

Description trouvée : 'VCC VPP ' - Totale: 130 (2/7) Page
FabricantNo de pièceVoirDescription

TriQuint Semiconductor
TGA4826-SM 10 Vpp 15 Gbps Optical Modulator Driver

AVAGO TECHNOLOGIES LIMI...
6N140A-883B Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

AMIC Technology
LP61L1024_15 128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM

Broadcom Corporation.
6N140A Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

ATMEL Corporation
AT88SC1003_14 Vpp Internally Generated for Single Voltage Operation

AMI SEMICONDUCTOR
N04Q1618C2B 4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K×16 bit POWER SAVER TECHNOLOGY

Intersil Corporation
X9313ZSIZT1 Linear, 32 Taps, 3 Wire Interface, Terminal Voltages VCC

AVAGO TECHNOLOGIES LIMI...
ACPL-5730L Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers

Linear Technology
LT1109A_15 Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V

STMicroelectronics
ST2378E-06 8-bit dual supply 1.71V to 5.5V level translator with I/O VCC ± 15KV ESD protection

ATMEL Corporation
STK525 AT90USBxxx TQFP device (2.7V

BCD Semiconductor Manuf...
AT1041 Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC

Agilent(Hewlett-Packard...
HCPL-2201 Very High CMR, Wide VCC Logic Gate Optocouplers

Mallory performance clu...
PMO-6022PN-48KDQ Sensitivity Range -48 ± 2 dB RL = 2.2 k Vcc = 2.0v (1 kHz 0 dB = 1 v/Pa)

Linear Technology
LT1109A_03 Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V

Micross Components
MYXX28HC256 No External High Voltages or VPP

Agilent(Hewlett-Packard...
HCPL-520X Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers

FCI connector
63440 POL MINITEK VCC WITH LATCHING

Micrel Semiconductor
MIC4833 Low Noise Dual 220 VPP EL Driver With Output Voltage Slew Rate Control

Cypress Semiconductor
S34ML08G1 8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded

  1 2 3 4 5 6 7