Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

VARIOFACE Fiches techniques, Datasheet

Description trouvée : 'VARIOFACE' - Totale: 56 (1/3) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2322773 Four 14-pos. connectors on the module side for connecting four 8-channel VARIOFACE modules of the system cabling
UMK-4RM230AC VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 230 V AC input voltage
100018 VARIOFACE System Cable With Flat-Ribbon Cable Connector
2322498 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 4 m
UMK-16OM VARIOFACE output module, for 16 channels, with plug-in sockets for generation 4 solid-state relays from OPTO 22
UMK-16RM230AC VARIOFACE module, for 16 plug-in miniature relays or miniature optocouplers, with LED, 230 V AC input voltage
2322456 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 1 m
2302052 VARIOFACE system cable with D-SUB female connector and pin strip
UMK-16RM24DC VARIOFACE module, for 16 plug-in miniature relays or miniature optocouplers, with LED, 24 V DC input voltage
2305541 VARIOFACE system cable with D-SUB female connector and pin strip
UM45-8RM VARIOFACE COMPACT LINE, output module with 8 miniature relays, 1 N/O contact each, plugged, for 24 V DC (incl. relay)
UMK-16RM12DC VARIOFACE module, for 16 plug-in miniature relays or miniature optocouplers, with LED, 12 V DC input voltage
UMK45-REL VARIOFACE relay base for KUEP-style relay
UM-8RM Varioface output module, with 8 miniature relays, 1 PDT, plugged, for 24 V DC (incl. relay)
2296728 Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 3.0 m
2314684 Four 14-pos. connectors on the module side for connecting four 8-channel VARIOFACE modules of the system cabling
2926425 VARIOFACE system cable with D-SUB female connector and pin strip
UMK-4RM5DC VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 5 V DC input voltage
2314655 Four 14-pos. connectors on the module side for connecting four 8-channel VARIOFACE modules of the system cabling
UMK-4RM24 VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 24 V AC/DC input voltage

  1 2 3