Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

VAC Fiches techniques, Datasheet

Description trouvée : 'VAC' - Totale: 992 (1/50) Page
FabricantNo de pièceVoirDescription

Vishay Siliconix
VY2222M35Y5US63V7 AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
WKP681MCPQG0KR AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY2222M35Y5UG63V7 AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
WYO472MCMCRBKR AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC

Artesyn Technologies
DS2500PE 180 Vac to 264 Vac 2500 W

Vishay Siliconix
VY2332M41Y5US6TV5 AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
VY1101K31Y5SQ63V0 AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
AY2 Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC

List of Unclassifed Man...
A121S1YZQ Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.

Vishay Siliconix
VKP102MCQERUKR AC Line Rated Ceramic Disc Capacitorsnull Class X1, 760 VAC, Class Y1, 500 VAC

Tyco Electronics
CR-21A CR-21A 3PST N.O., Double Break, 5 Amps,440 VAC, 60 Hz, 380 VAC, 50 Hz

Vishay Siliconix
WKO222MCPCRAKR AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC

Emerson Network Power
NLP65_09 85 VAC to 264 VAC universal input range

Vishay Siliconix
VY2102M29Y5US63V7 AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
VY1152M41Y5UQ63V0 AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC

Power Integrations, Inc...
RD2 85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output

Vishay Siliconix
WYO472MCMSDFKR AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
VY1222M47Y5UQ6UV0 AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY1471M31Y5UQ63V0 AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
125L AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC / Class Y4, 125 VAC

  1 2 3 4 5 6 7 8 9 10