Moteur de recherche de fiches techniques de composants électroniques |
|
|
UID Fiches technique, PDF |
Mot-clé recherché : 'UID' - Totale: 10 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
STMicroelectronics |
AN2319 |
70Kb/8P |
Using the 64-bit UID in contactless RFID applications |
Maxim Integrated Produc... |
MAX66100 |
223Kb/16P |
ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field Rev 0; 1/11 |
MAX66000 |
288Kb/21P |
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function Rev 0; 1/11 |
|
STMicroelectronics |
LRIS2K |
71Kb/8P |
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant |
LRIS2K |
852Kb/102P |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant | |
LRIS2K |
575Kb/98P |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant | |
LRI2K |
760Kb/89P |
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant | |
LRI2K |
769Kb/89P |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant | |
LRI1K |
638Kb/86P |
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant | |
LRIS64K |
710Kb/100P |
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1 |