Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



UF Fiches techniques, Datasheet

Description trouvée : 'UF' - Totale: 6898 (1/345) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
C1206C474K4RACTU Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)
C0805C393K5RACTU Ceramic, Commercial-(CxxxxC), 0.039 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
T499A155K020ATE8K0 Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm
C0805C105K4RAC7210 SMD Comm X7R, Ceramic, 1 uF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
RSBIC2330AA00K RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.033 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
R76PW42204030J Capacitor, film, 2.2 uF, +/-5% Tol, -55/+105C, General Purpose, 630 VDC@85C, Lead Spacing=37.5 mm
R71MF31504030K_17 Film, Metallized Polypropylene, Commercial Grade, R71, 0.15 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
T528Z337M2R5ATE008 Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 8 mOhms, Height Max = 1.7mm
C0805C103K4RACTU Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0603G154K3RACT250 Ceramic, 175C, 175C-(CxxxxC), 0.15 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, High Temperature, Class II
T520V227M006ATE009 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 9mOhms, Height Max = 1.9mm
T521C475M063ATE200 T521, Tantalum, Polymer Tantalum, 4.7 uF, 20%, 63 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 200 mOhms, 6032, Height Max = 2.8mm
C0402C104K4PACTU Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.1 uF, +/-10% Tol, 16 V, X5R, 0402 (1005 metric)
T350K476K020AT Tantalum, MnO2 Tantalum, Commercial Grade, T350, 47 uF, 10%, 20 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 5.08mm
T491C335K025AT Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.8mm
C1210X475K3RACAUTO Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 10%, 25 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C0805S103K5RACAUTO SMD Auto X7R FE, Ceramic, Floating Electrode, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0805
C2220C274KBRACTU Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.27 uF, +/-10% Tol, 630 V, X7R, 2220 (5750 metric)
C1210C106K3RACTU_17 Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 25 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
T495X107K025ATE150 T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 4.3mm