Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TRUE Fiches techniques, Datasheet

Description trouvée : 'True' - Totale: 36 (1/2) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX3222_14 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
MAX3232ECAE-T ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
MAX3222E_03 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
MAX212CWG 3V-Powered, Low-Power, True RS-232 Transceiver
MAX3483_14 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
MAX1606 28V Internal Switch LCD Bias Supply with True Shutdown
MAX3280E_14 ±15kV ESD-Protected 52Mbps, 3V to 5.5V,SOT23 RS-485/RS-422 True Fail-Safe Receivers
MAX8570 High-Efficiency LCD Boost with True Shutdown
MAX8570-MAX8575 High-Efficiency LCD Boost with True Shutdown
MAX3384E ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
MAX3232CUE-T 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
MAX3483 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
MAX3490ECSA-T 3.3V-Powered, +15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
MAX3238CAI-T +3.0V to +5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
MAX3483E 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
MX536A True RMS-to-DC Converters
MAX3280E_11 ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
MAX3222E_10 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
MAX8627 Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
MAX218 1.8V to 4.25V-Powered, True RS-232 Dual Transceiver

  1 2