Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TRUE Fiches techniques, Datasheet

Description trouvée : 'True' - Totale: 10 (1/1) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
ST1480A 3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
STV9937 120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
ST3485E 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
STE2028 162 x 130 RGB single-chip true 262k color LCD controller driver
AN2244 The ST10F27x MCUs provide 0.18μm embedded true Flash technology
STV9936P 120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
STE2130S 240RGB x 320 single chip true 262K color controller/driver
STV8116 162 RGB x 132 single chip true 262K color OLED controller/driver
STE2102 240x320RGB single-chip true 262K colors ramless LCD controller/driver
ST1480AB 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver