Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TRANSMITTERS Fiches techniques, Datasheet

Description trouvée : 'Transmitters' - Totale: 12 (1/1) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX3030ECUE-T +15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
MAX3293 20Mbps, +3.3V, SOT23 RS-485/ RS-422 Transmitters
MAX3295AUT-T 20Mbps, +3.3V, SOT23 RS-485/ RS-422 Transmitters
MAX3188E ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
MAX2366 Complete Dual-Band Quadrature Transmitters
MAX2360 Complete Dual-Band Quadrature Transmitters
MAX3188 1Mbps, 1μA RS-232 Transmitters in SOT23-6
MAX3293_11 20Mbps, +3.3V, SOT23 RS-485/ RS-422 Transmitters
MAX3040 ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
MAX3293_14 20Mbps, +3.3V, SOT23 RS-485/RS-422 Transmitters
MAX3030E ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
MAX3190-MAX3190E ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6