Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TYP. Fiches techniques, Datasheet

Description trouvée : 'TYP.' - Totale: 138 (1/7) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
STB36NM60N Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
STP10P6F6 P-channel 60 V, 0.15 Ω typ., 10 A STripFET™ VI DeepGATE™ Power MOSFET in DPAK and TO-220 packages
STB57N65M5 N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
STD140N6F7 N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STF5N80K5 N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STF18NM60N N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP1N105K3 N-channel 1050 V, 8 Ω typ., 1.4 A SuperMESH3™ Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
STW57N65M5 N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
STB25N80K5 N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
STL8N10LF3 N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
STF28N60M2 N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
STF13N95K3 N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STF15N80K5 N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
STB18NF30 Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
STW47NM60ND N-channel 600 V, 0.075 Ω typ., 35 A FDmesh™ II Power MOSFET (with fast diode) in a TO-247 package
STD5N80K5 N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
STP24N60M2 N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus™ low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STW57N65M5-4 N-channel 650 V, 0.056 Ω typ., 42 A, MDmesh™ V Power MOSFET in a TO247-4 package
STP11NM65N N-channel 650 V, 0.425 Ω typ., 11 A MDmesh™II Power MOSFET in DPAK, TO-220FP, I²PAKFP and TO-220 packages
STL33N65M2 N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package

  1 2 3 4 5 6 7