Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TUBE Fiches techniques, Datasheet

Description trouvée : 'TUBE' - Totale: 1490 (1/75) Page
FabricantNo de pièceVoirDescription

Ralston Instruments.
NPAK-0045 NPAK tube connecting tank fill to regulator, with tube fittings

KEC(Korea Electronics)
KTA1073T EPITAXIAL PLANAR PNP TRANSISTOR(HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER,CATHODE RAY TUBE BRIGHTNESS CONTROL)

Toshiba Semiconductor
2SA1091 TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)
2SC2551 TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)

PHOENIX CONTACT
2700152 Tube, 45 mm long, Ø 25 mm, for direct tube mounting on the foldaway base

Ralston Instruments.
NPAK-0065 NPAK tube connecting to bottom of fine adjust vernier, tube fittings

Toshiba Semiconductor
2SA1091_07 High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications

List of Unclassifed Man...
XP2206 A tube for hot environment, 10-stage, 51mm (2) tube

Toshiba Semiconductor
2SA1432 TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SC3515 NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1384_07 High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications

Cooper Bussmann, Inc.
AGC-120 Fast-acting, glass tube Optional axial leads available 1/4 x 1-1/4 (6.3mm x 32mm) physical size Glass tube, nickel-plated brass endcap construction
BKABC-20-R 1⁄4” x 1 1⁄4” Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube

Toshiba Semiconductor
2SA1432_09 High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1721_07 High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications

NXP Semiconductors
DG7-32 LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES TUBE

Toshiba Semiconductor
2SA1721 TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
2SC3515_04 HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications

Ralston Instruments.
NPAK-0060 NPAK tube connecting to top of fine adjust vernier, tube fittings

Molex Electronics Ltd.
1719730113 2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Surface Mount,0.38m Selective Gold (Au) Plating, 13 Circuits, Tube

  1 2 3 4 5 6 7 8 9 10