Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TOLERANT Fiches techniques, Datasheet

Description trouvée : 'TOLERANT' - Totale: 1019 (1/51) Page
FabricantNo de pièceVoirDescription

Fairchild Semiconductor
74LCX04 Low Voltage Hex Inverter with 5V Tolerant Inputs
74LCX573 Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCXR162245 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
74LCX32373 Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74VCX162838 Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs
74VCX16835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
74VCX162244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistor in Outputs

Micropac Industries
53246 RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY

STMicroelectronics
74LVX16244 16-BIT BUS BUFFER (NON INVERTED) WITH 3-STATE OUTPUTS, 5V TOLERANT INPUT

Fairchild Semiconductor
74VCX38 Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs

Micropac Industries
53250 RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY

Infineon Technologies A...
TLE6254-2G Fault Tolerant Differential CAN-Transceiver

Fairchild Semiconductor
74VCX86 Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs

Micropac Industries
53253 RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS

Infineon Technologies A...
TLE6262G Fault Tolerant CAN - LDO

Fairchild Semiconductor
74VCXF162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs

Micropac Industries
53257 RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY

ATMEL Corporation
80C32E Rad. Tolerant 8-bit ROMless Microcontroller

Fairchild Semiconductor
74VCXR162601 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs

Micropac Industries
53258 RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY

  1 2 3 4 5 6 7 8 9 10