Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



TO-247 Fiches techniques, Datasheet

Description trouvée : 'TO-247' - Totale: 267 (1/14) Pages
FabricantNo de pièceVoirDescription

STMicroelectronics
STW88N65M5 N-channel 650 V, 0.024 Ω typ., 84 A, MDmesh™ V Power MOSFET in TO-247 and TO-247 long leads packages
STW26NM50 N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET

Riedon Powertron
PF2472-0R05J1 TO-247 Power Film Resistors

STMicroelectronics
STF21N65M5 N-channel 650 V, 0.150 Ω, 17 A MDmesh™ V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
STW34NM60ND N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
STB23NM60ND N-channel 600 V - 0.150 Ω - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh™ II Power MOSFET
STW52NK25Z N-CHANNEL 250V - 0.033Ω - 52A TO-247 Zener-Protected SuperMESH™ MOSFET
STW9NC70Z N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH™III MOSFET
STGW20NB60HD N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STB75N20 N-channel 200V - 0.028Ω - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET™ Power MOSFET
STW12NK95Z N-channel 950V - 0.69Ω - 10A - TO-247 Zener - Protected SuperMESH™ PowerMOSFET
STW8NB80 N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
IRFP250 N-CHANNEL 200V - 0.073ohm - 33A TO-247 PowerMesh II MOSFET

Ohmite Mfg. Co.
AP101_15 100W TO-247 High Power Resistors

STMicroelectronics
STW62N65M5 Automotive-grade N-channel 650 V, 0.041 typ., 46 A MDmesh V Power MOSFET in a TO-247 package
STP24N60M2 N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus™ low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STB25NM60NX N-channel 600 V, 0.130 Ω , 21 A, MDmesh™ II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STB10NK60Z N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
STP13NK60ZT4 N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
STF26NM60N N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages