Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



TO-247 Fiches techniques, Datasheet

Description trouvée : 'TO-247' - Totale: 267 (1/14) Pages
FabricantNo de pièceVoirDescription

STMicroelectronics
STW88N65M5 N-channel 650 V, 0.024 Ω typ., 84 A, MDmesh™ V Power MOSFET in TO-247 and TO-247 long leads packages
STW20NM50FD N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE

Riedon Powertron
PF2472-0R2F1 TO-247 Power Film Resistors

STMicroelectronics
STP32N65M5 N-channel 650 V, 0.095 Ω, 24 A, MDmesh™ V Power MOSFET in D²PAK, I²PAK, TO-220FP, TO-220, TO-247
STB20NK50Z_09 N-channel 500 V, 0.23 Ω, 17 A SuperMESH™ Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STGW39NC60VD_06 N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STW29NK50ZD N-CHANNEL 500 V - 0.11Ω - 29A TO-247 Fast Diode SuperMESH™ MOSFET
STW9NB80 N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STGW12NB60HD N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STFW4N150_09 N-channel 1500 V, 5 Ω, 4 A, PowerMESH™ Power MOSFET in TO-220, TO-247, TO-3PF

Bi technologies
MHP140 140W TO-247 HIGH POWER RESISTORS

STMicroelectronics
STW80NF55-08 N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET™ POWER MOSFET
STW26NM60 N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET

Jiangsu Changjiang Elec...
2SA1633 TO-247 Plastic-Encapsulate Transistors

STMicroelectronics
STF30N65M5 N-channel 650 V, 0.125 Ω, 22 A, MDmesh™ V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
STD13NM60N N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™ II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
STW24NM65N N-channel 650 V - 0.16 Ω - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh™ Power MOSFET
STW54NK30Z N-CHANNEL 300V - 0.052Ω - 54A TO-247 Zener-Protected SuperMESH™ MOSFET
STF32NM50N N-channel 500 V, 0.1 Ω typ., 22 A MDmesh™ II Power MOSFET in D²PAK, TO-220FP, TO-220, TO-247 packages
STW48NM60N N-channel 600 V, 0.055 Ω typ., 44 A MDmesh™ II Power MOSFET in a TO-247 package