Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



TO-247 Fiches techniques, Datasheet

Description trouvée : 'TO-247' - Totale: 267 (1/14) Pages
FabricantNo de pièceVoirDescription

STMicroelectronics
STW88N65M5 N-channel 650 V, 0.024 Ω typ., 84 A, MDmesh™ V Power MOSFET in TO-247 and TO-247 long leads packages

Riedon Powertron
PF2472-15RF1 TO-247 Power Film Resistors

STMicroelectronics
STW47NM60ND N-channel 600 V, 0.075 Ω typ., 35 A FDmesh™ II Power MOSFET (with fast diode) in a TO-247 package
STP11NM80_10 N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
STB23NM60N N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh™ Power MOSFET

Aavid, Thermal Division...
592201B03400 For use with TO-218 or TO-247 packages

STMicroelectronics
STW9NB90 N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
STGW20NB60H N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STP46NF30 N-channel 300 V, 0.063 Ω typ, 42 A, STripFET™ II Power MOSFET in D2PAK, TO-220 and TO-247 packages
STW8NB100 N - CHANNEL 1000V - 1.2ohm- 8A - TO-247 PowerMESH MOSFET
STW40NS15 N-CHANNEL 150V - 0.042ohm - 40A TO-247 MESH OVERLAY™ MOSFET

Caddock Electronics, In...
MP915_17 Power Film Resistors TO-126, TO-220 and TO-247 Style

STMicroelectronics
STP18NM60N N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP6N120K3 N-channel 1200 V, 1.95 Ω typ., 6 A SuperMESH3™ Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STB25NM50N_07 N-channel 500V - 0.11Ω - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh™ Power MOSFET
STW240NF55 N-CHANNEL 55V - 0.0027 Ω - 120A TO-247 STripFET™ II POWER MOSFET
STP16NK60Z N-CHANNEL 600V - 0.38Ω - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH™ MOSFET
STF19NM50N N-channel 500 V, 0.2 ohm, 14 A MDmesh II Power MOSFET in TO-220FP, TO-220 and TO-247
STB21NM60ND_09 N-channel 600 V, 0.17 Ω, 17 A FDmesh™ II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB12NM60N N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh™ Power MOSFET