Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TO-220FP Fiches techniques, Datasheet

Description trouvée : 'TO-220FP' - Totale: 172 (1/9) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
STF18NM80 N-channel 800 V, 0.25 Ω, 17 A, MDmesh™ Power MOSFET in D²PAK, TO-220FP, TO-220 and TO-247 packages
STF3NK100Z N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™ Power MOSFET
STF13NK50Z N-channel 500 V, 0.40 Ω, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESHTM Power MOSFET
STX25NM60ND N-channel 600 V, 0.13 Ω, 21 A FDmesh™ II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STD11NM60ND_10 N-channel 600 V, 0.37 Ω, 10 A, FDmesh™ II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
STD13NM60N N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™ II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
STP32NM50N N-channel 500 V, 0.1 Ω typ., 22 A MDmesh™ II Power MOSFET in D²PAK, TO-220FP, TO-220, TO-247 packages
STB23NM50N N-channel 500 V, 0.162 Ω, 17 A TO-220, TO-220FP, TO-247, D²PAK MDmesh™ II Power MOSFET
STD4NK60ZT4 N-channel 600 V, 1.76 Ω, 4 A SuperMESH™ Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STD11NM50N N-channel 500 V, 0.4 Ω, 8.5 A MDmesh™ II Power MOSFET in DPAK, TO-220FP and TO-220
STF3LN62K3 N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK
STF6N95K5 N-channel 950 V, 1 Ω typ., 9 A Zener-protected SuperMESH™ 5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK90ZT4 N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
STF30N65M5 N-channel 650 V, 0.125 Ω, 22 A, MDmesh™ V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
STF6N62K3 N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STF130N10F3 N-channel 100 V, 7.8typ., 120 A STripFET™III Power MOSFET in TO-220FP, I²PAKFP, H²PAK-2 and TO-220 packages

List of Unclassifed Man...
STW17N62K3 N-channel 620 V, 0.28 Ω, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3™ Power MOSFET

STMicroelectronics
STW57N65M5 N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
STF10N65K3 N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STB42N65M5 N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247

  1 2 3 4 5 6 7 8 9